PART |
Description |
Maker |
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040 |
50WattDC-DCConverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
Q62703-Q3854 Q62703-Q2290 Q62703-Q3081 Q62703-Q251 |
Super TOPLED High-Current LED Shielded Paired Cable; Number of Conductors:2; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes DIODE FRED 200V 2X123A SOT-227
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|
JSM1F-9V-5 JSM JSM1-12V-4 JSM1-12V-5 JSM1-9V-4 JSM |
Shielded Paired Cable; Number of Conductors:38; Conductor Size AWG:22; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:19; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Automotive Ultra-Miniature Power Relay
|
NAIS[Nais(Matsushita Electric Works)]
|
1032-90LJ 1032-80LT 1032-80LJ 1032-90LT 1032-60LG/ |
Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:12; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 High-Density Programmable Logic Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Drop Ship:Yes; Features:Alumunium Foil Polyester/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
L103 L105 103-1 |
Lens-End Lamps Shielded Paired Cable; Number of Conductors:16; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:8; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
International Light Technologies Inc.
|
1032E-70LJ 1032E-70LJI 1032E-70LT 1032E-70LTI PLSI |
High-Density Programmable Logic 高密度可编程逻辑 CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes 高密度可编程逻辑 Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 2#24 TFE BRD PFA RoHS Compliant: No CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes COUPLING Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:25; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes CABLE, 8162, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:8.71mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6316 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
DCR5980Z18 DCR5980Z DCR5980Z12 DCR5980Z14 DCR5980Z |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Phase Control Thyristor Target Information
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
10CTQ150 10CTQ150-1 10CTQ150S 10CTQ150STRL 10CTQ15 |
Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 150V 10A Schottky Common Cathode Diode in a TO-220AB package 150V 10A Schottky Common Cathode Diode in a TO-262 package 150V 10A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKY RECTIFIER 10 Amp Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:2; Leaded Process Compatible:Yes; Features:Aluminium Foil Polyester Tape RoHS Compliant: Yes 肖特基整流器10安培
|
IRF[International Rectifier] International Rectifier, Corp.
|
FBR161NCD005 FBR161NCD006 FBR161NCD009 FBR161NCD01 |
WIZARD MULTIMEDIA QUAD VIDEO/AUDIO TRANS 功率继电杆,30 POWER RELAY 1 POLE-3, 5, 10 A 功率继电杆,3510 WIZARD MULTIMEDIA REC W/STEREO AUDIO 功率继电杆,30 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 8 BIT MCU, 64 BYTES RAM 功率继电杆,30 DB9 M/F CBL/SER MOUSE EXTENSION 6 FT 功率继电杆,30 16 BIT 128K FLASH 功率继电杆,30 POWER RELAY 1 POLE-3, 5, 10 A 功率继电杆,310 POWER RELAY 1 POLE-3, 5, 10 A 功率继电杆,30 POWER RELAY 1 POLE-3, 5, 10 A 功率继电1杆,310 Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:3; Impedance:75ohm; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Impedance:75ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:3; Leaded Process Compatible:Yes RoHS Compliant: Yes 4 PORT A/V SPLITTER WITH UK PS 230VAC/50HZ 4 PORT A/V SPLITTER WITH EU PS 230VAC/50HZ 2 PORT A/V SPLITTER WITH EU PS 230VAC/50HZ CABLE, 9503, 3PAIR, 30.5M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:5.89mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes CABLE, 9504, 4PAIR, PER M; Cores, No. of:8; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.73mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:5474C RoHS Compliant: Yes Reed Relay; Contacts:DPST; Contact Carry Current:2A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Contact Rating:500mA RoHS Compliant: Yes Reed Relay; Contacts:DPST; Contact Carry Current:2A; Coil Voltage DC Max:12V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Contact Rating:500mA RoHS Compliant: Yes CABLE, 9504, 4PAIR, 30.5M; Cores, No. of:8; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.73mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Chrome; RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Impedance:75ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes LASER PRINTER CABLE 6 FT DB9 M/F CBL/SER MOUSE EXTENSION 6 FT WIZARD MULTIMEDIA KIT W/ STEREO AUDIO WIZARD MULTIMEDIA TRANS W/STEREO AUDIO WIZARD MULTIMEDIA RACKMOUNT CHASIS LASER PRINTER CABLE 20 FT WIZARD MULTIMEDIA QUAD VIDEO/AUDIO TRANS LASER PRINTER CABLE 25 FT LIGHTNING PROTECTOR 90V WIZARD MULTIMEDIA UNIVERSAL PLATE WIZARD MULTIMEDIA DUAL VIDEO/AUDIO RECEIVER LASER PRINTER CABLE 10 FT WIZARD MULTIMEDIA REC W/STEREO AUDIO DB25M-RJ45 ADAPTER SCA-MODADAP N-FEMALE CLAMP CONNECTOR - 10 PACK POWER RELAY 1 POLE-3, 5, 10 A
|
TE Connectivity, Ltd. Fujitsu, Ltd. Fujitsu Limited FUJI[Fuji Electric] Fujitsu Microelectronics
|
356004 359008 125001 125002 129002 129001 101001 1 |
LED Lamp; Color:Yellow; Luminous Intensity (MSCP):3.5ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through LED Lamp; Color:Yellow; Luminous Intensity (MSCP):10ucd; Voltage Rating:2.1V; LED Color:Yellow; Leaded Process Compatible:No; Mounting Type:Through Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:25 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:1400V RoHS Compliant: Yes LED Lamp; Bulb Size:3mm; LED Color:Red/Red/Red/Red; Luminous Intensity:10ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Voltage:2.2V LED Lamp; LED Color:Green; Luminous Intensity:4ucd; Viewing Angle:110 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-55 C LED Lamp; Bulb Size:3mm; LED Color:Red/Green-Red/Green-Red/Green-Red/Green; Luminous Intensity:5ucd; Viewing Angle:60 ; Forward Current:10mA; Forward Coaxial Cable; Impedance:75ohm; Conductor Size AWG:27; No. Strands x Strand Size:7 x 35; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 保险丝座和剪对于3AG保险 Fuse Blocks and Clips - For 3AG Fuses 保险丝座和剪对于3AG保险 Fuse Blocks and Clips Screw Terminal Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 保险丝座和剪对于3AG保险
|
Littelfuse, Inc.
|